PART |
Description |
Maker |
DFN-8C |
(3x3x0.75mm) MIN 0.700 MAX 0.800
|
Analog Microelectronics
|
DFN-10B |
(3x3x0.75mm) MIN 0.700 MAX 0.800
|
Analog Microelectronics
|
REEL-DFN-10B |
(3x3x0.75mm) Carrier Width (W) 12.0 -0.1 mm
|
Analog Microelectronics
|
QFN-16C REEL-QFN-16C |
(3x3x0.75mm) Carrier Width (W) 12.0 -0.1 mm Pitch (P) 4.0 -0.1 mm
|
Analog Microelectronics
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
TO-263-3 |
(D2 PAK) A : MIN 9.65 MAX 10.67 B : MIN 8.28 MAX 9.66
|
Analog Microelectronics
|
E28 E116 E113 E30 E106 E103 E105 E112 E209 E3 E100 |
Yellow, mini LED. Lens translucent. Luminous intensity at 10mA: 2.0mcd(min), 3.5mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). Orange InGaAIP, T-1 3/4, ultra bright LED. Lens orange translucent. Luminous intensity at 20mA: 700mcd(min), 3000mcd(max). Forward voltage at 20mA: 1.8V(typ), 2.3V(max). Super bright green, mini LED. Lens translucent. Luminous intensity at 10mA: 10.0mcd(min), 16.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Green T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Red T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 12.5mcd(typ), 32.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max). T-1 bright white LED / Lens clear Miniature LEDs 微型发光二极 Orange, mini LED. Lens translucent. Luminous intensity at 10mA: 3.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.6V(max). Yellow T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). High efficiency red, mini LED. Lens translucent. Luminous intensity at 10mA: 4.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max)(max). Ultra bright red, mini LED. Lens translucent. Luminous intensity at 10mA: 20.0mcd(min), 60.0mcd(max). Forward voltage at 20mA: 1.85V(typ), 2.5V(max)(max). Yellow InGaAIP, T-1 3/4, ultra bright LED. Lens yellow translucent. Luminous intensity at 20mA: 400mcd(min), 1600mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max).
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
AM29LV800DB-120SD AM29LV800DB-120ED AM29LV800DB-12 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:230V; Supply Voltage AC, Min:115V; Supply Voltage DC, Max:230V RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time Range:0.1 to 102.4s; Timing Function:Delay-On-Make; Supply Voltage Max:288V; Supply Voltage Min:100V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes Low Voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time Range:0.1 - 30; Timing Function:Delay-On-Make; Time Range Max:30s; Time Range Min:0.1s Time-Delay Relay; Time Range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; Supply Voltage:115V RoHS Compliant: Yes Time-Delay Relay; Time Range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; Supply Voltage AC, Max:288V; Supply Voltage AC, Min:19V; Supply Voltage DC, Max:288V RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; Supply Voltage Max:50V; Supply Voltage Min:18V; Time Range Max:102.4s; Time Range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
586-2406-220F 586-2405-220F 586-2402-220F 586-2401 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET BASE (BA9S) LED, BA9S, 6-36VAC/DC, GREEN; Lamp fitting type:BA9s; Current rating:10mA; Diameter, External:9mm; Length / Height, external:28.75mm; Temp, op. max:85(degree C); Temp, op. min:-30(degree C); Case style:T 3 1/4; Colour, LED:Green; RoHS Compliant: Yes
|
Dialight Corporation http://
|
|